PART |
Description |
Maker |
0910230002 91023-0002 SDA-91023 |
6.00mm (.236) Pitch Junction Box, ISO, Vertical, 32 Circuits, Contact Layout 2 6.00mm (.236") Pitch Junction Box, ISO, Vertical, 32 Circuits, Contact Layout 2 MOLEX Connector
|
Molex Electronics Ltd.
|
0910230005 91023-0005 SDA-91023 |
6.00mm (.236) Pitch Junction Box, ISO, Vertical, 32 Circuits, Contact Layout 4 6.00mm (.236") Pitch Junction Box, ISO, Vertical, 32 Circuits, Contact Layout 4
|
Molex Electronics Ltd.
|
140-074-XO-0000 140-074-MXMT-0000 140-074-XM-0000 |
Ultra-Miniature Junction Box
|
Glenair, Inc.
|
713-376 |
Composite Guardian Bulkhead and Junction Box Feed-Thru Fitting for Series 72 Annular Convoluted Tubing
|
Glenair, Inc.
|
SD-120114-017 1201140030 BTY403P-FBB |
Micro-Change Molded Junction Box, Top Mount, 4 Ports, 2(IO) per port, LEDs for PNP sensors, with Integral
|
Molex Electronics Ltd.
|
00600300 |
7-Pole Aluminium Body Sockets ?24V ?ISO 1185 ?ISO 3731
|
Littelfuse
|
IRFIBE20G |
800V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.4A) GT 19C 19#12 SKT RECP BOX
|
IRF[International Rectifier]
|
LRIS64K |
64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
|
STMicroelectronics
|
LRI1K |
1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
|
STMicroelectronics
|
WJR7090 |
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
|
WJCI[WJ Communication. Inc.]
|
DBCIDCC616AG1 DBCIDCC634AG1 DBCIDCC668AG1 DBCIDCC6 |
IDC BOX HEADER RIGHT ANGLE IDC BOX HEADER RIGHT ANGLE
|
Dubilier
|
DBCIDCC4320BS1 DBCIDCC4310BG1 DBCIDCC4310BS1 DBCID |
IDC BOX HEADER RIGHT ANGLE 1.27mm IDC BOX HEADER RIGHT ANGLE 1.27mm
|
Dubilier
|